Part Number Hot Search : 
CDLL4614 20120 F3062F25 3LP04SS TOP412 AD829AQ 3659G26 1N4444
Product Description
Full Text Search
 

To Download SG140-35IG883B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SG140A/SG140
POSITIVE FIXED VOLTAGE REGULATOR
DESCRIPTION
The SG140A/140 series of positive regulators offer self contained, fixed-voltage capability with up to 1.5A of load current and input voltage up to 50V (SG140A series only). These units feature a unique on-chip trimming system to set the output voltages to within 1.5% of nominal on the SG140A series and 2.0% on the SG140 series. The SG140A versions also offer much improved line and load regulation characteristics. Utilizing an improved Bandgap reference design, problems have been eliminated that are normally associated with the Zener Diode references, such as drift in output voltage and large changes in the line and load regulation. All protective features of thermal shutdown, current limiting, and safe-area control have been designed into these units and since these regulators require only a small output capacitor for satisfactory performance, ease of application is assured. Although designed as fixed-voltage regulators, the output voltage can be increased through the use of a simple voltage divider. The low quiescent drain current of the device insures good regulation when this method is used. Product is available in hermetically sealed TO-257 (isolated), TO-3, TO-66, and TO-39 power packages.
FEATURES
* Output voltage set internally to 1.5% on SG140A * Input voltage reange to 50V max. on SG140A * Two volt input-output differential * Bandgap reference voltage * Excellent line and load regulation * Foldback current limiting * Thermal overload protection * Voltages available - 5V, 12V, 15V * Voltages Not Recommended For New Designs - 6V, 8V, 18V, 24V
HIGH RELIABILITY FEATURES - SG140A/140
Available to MIL-STD - 883 Radiation data available LMI level "S" processing available
SCHEMATIC DIAGRAM
2/90 Rev 1.4 6/97
Copyright 1997
1
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG140A/SG140 SERIES
ABSOLUTE MAXIMUM RATINGS (Note 1)
Device Output Voltage 5V 6V 8V 12V 15V 18V 24V Input Voltage 35V 35V 35V 35V 35V 35V 40V
POSITIVE REGULATOR
Input Voltage (transient) (Note 3) 50V 50V 50V 50V 50V 50V 50V Input Voltage Differential (Output shorted to ground) 35V 35V 35V 35V 35V 35V 35V
Operating Junction Temperature Hermetic (K, R, IG - Packages) ................................... 150C
Note 1. Values beyond which damage may occur.
Storage Temperature Range ............................ -65C to 150C Lead Temperature (Soldering, 10 Seconds) ................... 300C
THERMAL DATA
K Package: Thermal Resistance-Junction to Case, JC ................. 3.0C/W Thermal Resistance-Junction to Ambient, JA ............... 35C/W R Package: Thermal Resistance-Junction to Case, JC ................. 5.0C/W Thermal Resistance-Junction to Ambient, JA .............. 40C/W T Package: Thermal Resistance-Junction to Case, JC .................. 15C/W Thermal Resistance-Junction to Ambient, JA ............ 120C/W IG Package: Thermal Resistance-Junction to Case, JC ................. 3.5C/W Thermal Resistance-Junction to Ambient, JA .............. 42C/W L Package: Thermal Resistance-Junction to Case, JC .................. 35C/W Thermal Resistance-Junction to Ambient, JA ............ 120C/W
Note A. Junction Temperature Calculation: TJ = TA + (PD x JA). Note B. The above numbers for JC are maximums for the limiting
thermal resistance of the package in a standard mounting configuration. The JA numbers are meant to be guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow.
RECOMMENDED OPERATING CONDITIONS
(Note 2)
Operating Junction Temperature Range: SG140A/140 .................................................. -55C to 150C
Note 2. Range over which the device is functional.
CHARACTERISTIC CURVES
Note 3. Operation at high input voltages is dependent upon load current. When load current is less than 5mA, output will rise out of regulation as inputoiutput differential icreases beyond 30V. Note also from Figure 1, that maximum load current is reduced at high voltages. The 50V input rating of the SG140A series refers to ability to withstnd high line or transient conditions without damage. Since the regulator's maximum current capability is reduced, the output may fall out of regulation at high input voltages under nominal loading.
FIGURE 1. PEAK OUTPUT CURRENT VS. INPUT - OUTPUT DIFFERENTIAL
2/90 Rev 1.4 6/97
Copyright 1997
2
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG140A/SG140 SERIES
CHARACTERISTIC CURVES
(continued)
POSITIVE REGULATOR
FIGURE 2. MINIMUM INPUT - OUTPUT VOLTAGE VS. LOAD CURRENT
FIGURE 3. RIPPLE REJECTION VS. FREQUENCY
FIGURE 4. TEMPERATURE COEFFICIENT OF OUTPUT VOLTAGE
APPLICATIONS
FIGURE 5 - FIXED OUITPUT REGULATOR
FIGURE 6 - CIRCUIT FOR INCREASING OUITPUT VOLTAGE
FIGURE 7 - HIGH OUTPUT CIRRENT, SHORT CIRCUIT PROTECTED
FIGURE 8 - ADJUTABLE OUITPUT REGULATOR, 7V to 30V
2/90 Rev 1.4 6/97
Copyright 1997
3
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG140A/SG140 SERIES
ELECTRICAL CHARACTERISTICS
SG140A - 5
(Note 1)
5.0V POSITIVE REGULATOR
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140A-05 with -55C TA 150C, VIN = 10V, IO = 1.0A, CIN = 0. 33F, COUT = 0.1F and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.)
Parameter Output Voltage Line Regulation (Note 1)
Test Conditions IO = 5mA to 1.0A, TJ = 25C VIN = 7.5V to 20V, IO = 500mA VIN = 7.5V to 20V, TJ = 25C VIN = 7.5V to 20V VIN = 8V to 12V, TJ = 25C IO = 5mA to 1.0A IO = 5mA to 1.5A, TJ = 25C IO = 250mA to 750mA, TJ = 25C VIN = 7.5V to 20V, IO = 5mA to 1.0A, P 15W Over Temperature Range TJ = 25C With Line: VIN = 7.5V to 25V, IO = 500mA VIN = 7.5V to 20V, IO = 1A, TJ = 25C With Load: IO = 5mA to 1.0A VO = 100mV, IO = 1A, TJ = 25C TJ = 25C TJ = 25C VIN = 10V, f = 120Hz, TJ = 25C f = 10Hz to 100KHz (Note 2) 1000hrs. at TJ = 125C IO = 5mA
Load Regulation (Note 1)
SG140A-5 Units Min. Typ. Max. 4.9 5.0 5.1 V 10 mV 3 10 mV 12 mV 4 mV 25 mV 10 25 mV 15 mV 4.8 5.0 5.2 6.5 6 0.8 0.8 0.5 2.5 V mA mA mA mA mA V A A dB V/V mV C
Total Output Voltage Tolerance Quiescent Current Quiescent Current Change
Dropout Voltage Peak Output Current Short Circuit Current Ripple Rejection Output Noise Voltage (rms) Long Term Stability Thermal Shutdown SG140 - 5
2 2.4 2.1 68
40 20 175
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140-05 with -55C TA 150C, and VIN = 10V, IO = 500mA, CIN = 0. 33F, COUT = 0.1F and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.)
Parameter Output Voltage Line Regulation (Note 1)
Test Conditions IO = 5mA to 1.0A, TJ = 25C VIN = 8V to 20V VIN = 7V to 25V, TJ = 25C VIN = 8V to 12V, IO = 1.0A VIN = 7.3V to 20V, IO = 1.0A, TJ = 25C IO = 5mA to 1.0A IO = 5mA to 1.5A, TJ = 25C IO = 250mA to 750mA, TJ = 25C VIN = 8V to 20V, IO = 5mA to 1.0A, P 15W IO = 1.0A TJ = 25C With Line: VIN = 8V to 25V VIN = 8V to 20V, IO = 1A, TJ = 25C With Load: IO = 5mA to 1.0A VO = 100mV, IO = 1A, TJ = 25C TJ = 25C TJ = 25C VIN = 10V, f = 120Hz, TJ = 25C f = 10Hz to 100KHz (Note 2) 1000hrs. at TJ = 125C IO = 5mA
Load Regulation (Note 1)
SG140-5 Units Min. Typ. Max. V 4.8 5.0 5.2 mV 50 mV 50 mV 25 mV 50 50 mV mV 50 mV 25 4.75 5.00 5.25 7 6 0.8 0.8 0.5 2.5 V mA mA mA mA mA V A A dB V/V mV C
Total Output Voltage Tolerance Quiescent Current Quiescent Current Change
Dropout Voltage Peak Output Current Short Circuit Current Ripple Rejection Output Noise Voltage (rms) Long Term Stability Thermal Shutdown
2 2.4 2.1 68
40 20 175
Note 1. All regulation tests are made at constant junction temperature with low duty cycle testing. 2. This test is guaranteed but is not tested in production.
2/90 Rev 1.4 6/97
Copyright 1997
4
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG140A/SG140 SERIES
ELECTRICAL CHARACTERISTICS
SG140 - 6
(Note 1)
6.0V & 8.0V POSITIVE REGULATOR
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140-06 with -55C TA 150C, and VIN = 11V, IO = 500mA, CIN = 0. 33F, COUT = 0.1F and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.)
Parameter Output Voltage Line Regulation (Note 1)
Test Conditions IO = 5mA to 1.0A, TJ = 25C VIN = 9V to 21V VIN = 8V to 25V, TJ = 25C VIN = 9V to 13V, IO= 1.0 A VIN = 8.3V to 21V, IO= 1.0 A, TJ = 25C IO = 5mA to 1.0A IO = 5mA to 1.5A, TJ = 25C IO = 250mA to 750mA, TJ = 25C VIN = 9V to 21V, IO = 5mA to 1.0A, P 15W IO= 1.0 A TJ= 25C With Line: VIN = 9V to 25V VIN = 9V to 21V, IO = 1A, TJ = 25C With Load: IO = 5mA to 1.0A VO = 100mV, IO = 1A, TJ = 25C TJ = 25C TJ = 25C VIN = 10V, f = 120Hz, TJ = 25C f = 10Hz to 100KHz (Note 2) 1000hrs. at TJ = 125C IO = 5mA
Load Regulation (Note 1)
SG140 - 6 Units Min. Typ. Max. 5.75 6.00 6.25 V 60 mV 60 mV 30 mV 60 mV 60 mV 60 mV 30 mV 5.7 6.0 6.3 7 6 0.8 0.8 0.5 2.5 V mA mA mA mA mA V A A dB V/V mV C
Total Output Voltage Tolerance Quiescent Current Quiescent Current Change
Dropout Voltage Peak Output Current Short Circuit Current Ripple Rejection Output Noise Voltage (rms) Long Term Stability Thermal Shutdown SG140 - 8
2 2.4 2.1 65
40 24 175
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140-08 with -55C TA 150C, and VIN = 14V, IO = 500mA, CIN = 0. 33F, COUT = 0.1F and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.)
Parameter Output Voltage Line Regulation (Note 1)
Test Conditions IO = 5mA to 1.0A, TJ = 25C VIN = 11V to 23V VIN = 10.5V to 25V, TJ = 25C VIN = 11V to 17V, IO = 1.0A VIN = 10.5V to 23V, IO = 1.0A, TJ = 25C IO = 5mA to 1.0A IO = 5mA to 1.5A, TJ = 25C IO = 250mA to 750mA, TJ = 25C VIN = 11.5V to 23V, IO = 5mA to 1.0A, P 15W IO = 1.0A TJ = 25C With Line: VIN = 11.5V to 25V VIN = 11.5V to 23V, IO = 1A, TJ = 25C With Load: IO = 5mA to 1.0A VO = 100mV, IO = 1A, TJ = 25C TJ = 25C TJ = 25C VIN = 10V, f = 120Hz, TJ = 25C f = 10Hz to 100KHz (Note 2) 1000hrs. at TJ = 125C IO = 5mA
Load Regulation (Note 1)
SG140 - 8 Units Min. Typ. Max. 7.7 8.0 8.3 V 80 mV 80 mV 40 mV 80 mV 80 mV 80 mV 40 mV 7.6 8.0 8.4 7 6 0.8 0.8 0.5 2.5 V mA mA mA mA mA V A A dB V/V mV C
Total Output Voltage Tolerance Quiescent Current Quiescent Current Change
Dropout Voltage Peak Output Current Short Circuit Current Ripple Rejection Output Noise Voltage (rms) Long Term Stability Thermal Shutdown
2 2.4 2.1 62
40 32 175
Note 1. All regulation tests are made at constant junction temperature with low duty cycle testing. 2. This test is guaranteed but is not tested in production.
2/90 Rev 1.4 6/97
Copyright 1997
5
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG140A/SG140 SERIES
ELECTRICAL CHARACTERISTICS
SG140 A - 12
(Note 1)
12V POSITIVE REGULATOR
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140A -12 with -55C TA 150C, and VIN = 19V, IO = 1.0A, CIN = 0. 33F, COUT = 0.1F and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.)
Parameter Output Voltage Line Regulation (Note 1)
Test Conditions IO = 5mA to 1.0A, TJ = 25C VIN = 14.8V to 27V, IO = 500mA VIN = 14.5V to 27V, TJ = 25C VIN = 16V to 22V VIN = 16V to 22V, TJ = 25C IO = 5mA to 1.0A IO = 5mA to 1.5A, TJ = 25C IO = 250mA to 750mA, TJ = 25C VIN = 14.8V to 27V, IO = 5mA to 1.0A, P 15W Over Temperature Range TJ = 25C With Line: VIN = 15V to 30V, IO = 500mA VIN = 14.8V to 27V, IO = 1A, TJ = 25C With Load: IO = 5mA to 1.0A VO = 100mV, IO = 1A, TJ = 25C TJ = 25C TJ = 25C VIN = 10V, f = 120Hz, TJ = 25C f = 10Hz to 100KHz (Note 2) 1000hrs. at TJ = 125C IO = 5mA
Load Regulation (Note 1)
SG140A - 12 Units Min. Typ. Max. 11.75 12.00 12.25 V 18 mV 4 18 mV 30 mV 9 mV 60 mV 32 mV 19 mV 11.5 12.0 12.5 6.5 6 0.8 0.8 0.5 2.5 V mA mA mA mA mA V A A dB V/V mV C
Total Output Voltage Tolerance Quiescent Current Quiescent Current Change
Dropout Voltage Peak Output Current Short Circuit Current Ripple Rejection Output Noise Voltage (rms) Long Term Stability Thermal Shutdown SG140 - 12
2 2.4 2.1 61
40 48 175
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140-12 with -55C TA 150C, and VIN = 19V, IO = 500mA, CIN = 0. 33F, COUT = 0.1F and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.)
Parameter Output Voltage Line Regulation (Note 1)
Test Conditions IO = 5mA to 1.0A, TJ = 25C VIN = 15V to 27V VIN = 14.5V to 30V, TJ = 25C VIN = 16V to 22V, IO = 1.0A VIN = 14.6V to 27V, IO = 1.0A, TJ = 25C IO = 5mA to 1.0A IO = 5mA to 1.5A, TJ = 25C IO = 250mA to 750mA, TJ = 25C VIN = 14.5V to 27V, IO = 5mA to 1.0A, P 15W IO = 1.0A TJ = 25C With Line: VIN = 15V to 30V VIN = 14.5V to 27V, IO = 1A, TJ = 25C With Load: IO = 5mA to 1.0A VO = 100mV, IO = 1A, TJ = 25C TJ = 25C TJ = 25C VIN = 10V, f = 120Hz, TJ = 25C f = 10Hz to 100KHz (Note 2) 1000hrs. at TJ = 125C IO = 5mA
Load Regulation (Note 1)
SG140 - 12 Units Min. Typ. Max. 11.5 12.0 12.5 V 120 mV 120 mV mV 60 120 mV 120 mV 120 mV mV 60 11.4 12.0 12.6 7 6 0.8 0.8 0.5 2.5 V mA mA mA mA mA V A A dB V/V mV C
Total Output Voltage Tolerance Quiescent Current Quiescent Current Change
Dropout Voltage Peak Output Current Short Circuit Current Ripple Rejection Output Noise Voltage (rms) Long Term Stability Thermal Shutdown
2 2.4 2.1 61
40 48 175
Note 1. All regulation tests are made at constant junction temperature with low duty cycle testing. 2. This test is guaranteed but is not tested in production.
2/90 Rev 1.4 6/97
Copyright 1997
6
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG140A/SG140 SERIES
ELECTRICAL CHARACTERISTICS
SG140 A - 15
(Note 1)
15V POSITIVE REGULATOR
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140A -15 with -55C TA 150C, and VIN = 23V, IO = 1.0A, CIN = 0. 33F, COUT = 0.1F and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.)
Parameter Output Voltage Line Regulation (Note 1)
Test Conditions IO = 5mA to 1.0A, TJ = 25C VIN = 17.9V to 30V, IO = 500mA VIN = 7.5V to 30V, TJ = 25C VIN = 20V to 26V VIN = 20V to 26V, TJ = 25C IO = 5mA to 1.0A IO = 5mA to 1.5A, TJ = 25C IO = 250mA to 750mA, TJ = 25C VIN = 17.9V to 30V, IO = 5mA to 1.0A, P 15W Over Temperature Range TJ = 25C With Line: VIN = 17.9V to 30V, IO = 500mA VIN = 17.9V to 30V, IO = 1A, TJ = 25C With Load: IO = 5mA to 1.0A VO = 100mV, IO = 1A, TJ = 25C TJ = 25C TJ = 25C VIN = 10V, f = 120Hz, TJ = 25C f = 10Hz to 100KHz (Note 2) 1000hrs. at TJ = 125C IO = 5mA
Load Regulation (Note 1)
SG140A - 15 Units Min. Typ. Max. 14.7 15.0 15.3 V 22 mV 22 mV 30 mV 10 mV 75 mV 35 mV 21 mV 14.4 15.0 15.6 6.5 6 0.8 0.8 0.5 2.5 V mA mA mA mA mA V A A dB V/V mV C
Total Output Voltage Tolerance Quiescent Current Quiescent Current Change
Dropout Voltage Peak Output Current Short Circuit Current Ripple Rejection Output Noise Voltage (rms) Long Term Stability Thermal Shutdown SG140 - 15
2 2.4 2.1 60
40 60 175
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140-15 with -55C TA 150C, and VIN = 23V, IO = 500mA, CIN = 0. 33F, COUT = 0.1F and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.)
Parameter Output Voltage Line Regulation (Note 1)
Test Conditions IO = 5mA to 1.0A, TJ = 25C VIN = 18.5V to 30V VIN = 17.5V to 30V, TJ = 25C VIN = 20V to 26V, IO = 1.0A VIN = 17.7V to 30V, IO = 1.0A, TJ = 25C IO = 5mA to 1.0A IO = 5mA to 1.5A, TJ = 25C IO = 250mA to 750mA, TJ = 25C VIN = 17.5V to 30V, IO = 5mA to 1.0A, P 15W IO = 1.0A TJ = 25C With Line: VIN = 18.5V to 30V VIN = 18.5V to 30V, IO = 1A, TJ = 25C With Load: IO = 5mA to 1.0A VO = 100mV, IO = 1A, TJ = 25C TJ = 25C TJ = 25C VIN = 10V, f = 120Hz, TJ = 25C f = 10Hz to 100KHz (Note 2) 1000hrs. at TJ = 125C IO = 5mA
Load Regulation (Note 1)
SG140 - 15 Units Min. Typ. Max. 14.4 15.0 15.6 V 150 mV 150 mV mV 75 150 mV 150 mV 150 mV mV 75 14.25 15.00 15.75 V 8.5 mA mA 8 1.0 mA mA 1.0 0.5 mA 2 2.5 V 2.4 A 2.1 A dB 54 40 V/V 60 mV 175 C
Total Output Voltage Tolerance Quiescent Current Quiescent Current Change
Dropout Voltage Peak Output Current Short Circuit Current Ripple Rejection Output Noise Voltage (rms) Long Term Stability Thermal Shutdown
Note 1. All regulation tests are made at constant junction temperature with low duty cycle testing. 2. This test is guaranteed but is not tested in production.
2/90 Rev 1.4 6/97
Copyright 1997
7
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG140A/SG140 SERIES
ELECTRICAL CHARACTERISTICS
SG140 - 18
(Note 1)
18V& 24V POSITIVE REGULATOR
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140-18 with -55C TA 150C, and VIN = 27V, IO = 500mA, CIN = 0. 33F, COUT = 0.1F and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.)
Parameter Output Voltage Line Regulation (Note 1)
Test Conditions IO = 5mA to 1.0A, TJ = 25C VIN = 21.5V to 33V VIN = 21V to 33V, TJ = 25C VIN = 24V to 30V, IO = 1.0A VIN = 21V to 30V, IO = 1.0A, TJ = 25C IO = 5mA to 1.0A IO = 5mA to 1.5A, TJ = 25C IO = 250mA to 750mA, TJ = 25C VIN = 21V to 33V, IO = 5mA to 1.0A, P 15W IO = 1A TJ = 25C With Line: VIN = 21V to 33V VIN = 21V to 33V, IO = 1A, TJ = 25C With Load: IO = 5mA to 1.0A VO = 100mV, IO = 1A, TJ = 25C TJ = 25C TJ = 25C VIN = 10V, f = 120Hz, TJ = 25C f = 10Hz to 100KHz (Note 2) 1000hrs. at TJ = 125C IO = 5mA
Load Regulation (Note 1)
SG140 - 18 Units Min. Typ. Max. 17.3 18.0 18.7 V 180 mV 180 mV 90 mV 180 mV 180 mV 180 mV 90 mV 17.1 18.0 18.9 7 6 0.8 0.8 0.5 2.5 V mA mA mA mA mA V A A dB V/V mV C
Total Output Voltage Tolerance Quiescent Current Quiescent Current Change
Dropout Voltage Peak Output Current Short Circuit Current Ripple Rejection Output Noise Voltage (rms) Long Term Stability Thermal Shutdown SG140 - 24
2 2.4 2.1 59
40 72 175
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140-24 with -55C TA 150C, and VIN = 33V, IO = 500mA, CIN = 0. 33F, COUT = 0.1F and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are used which maintains junction and case temperature equal to the ambient temperature.)
Parameter Output Voltage Line Regulation (Note 1)
Test Conditions IO = 5mA to 1.0A, TJ = 25C VIN = 28V to 38V VIN = 27V to 38V, TJ = 25C VIN = 30V to 36V, IO = 1.0A VIN = 27.1V to 35V, IO = 1.0A, TJ = 25C IO = 5mA to 1.0A IO = 5mA to 1.5A, TJ = 25C IO = 250mA to 750mA, TJ = 25C VIN = 27V to 38V, IO = 5mA to 1.0A, P 15W IO = 1.0A TJ = 25C With Line: VIN = 27V to 38V VIN = 28V to 38V, IO = 1A, TJ = 25C With Load: IO = 5mA to 1.0A VO = 100mV, IO = 1A, TJ = 25C TJ = 25C TJ = 25C VIN = 10V, f = 120Hz, TJ = 25C f = 10Hz to 100KHz (Note 2) 1000hrs. at TJ = 125C IO = 5mA
Load Regulation (Note 1)
SG140 - 24 Units Min. Typ. Max. V 23 24 25 240 mV 240 mV 120 mV 240 mV 240 mV 240 mV 120 mV 22.8 24.0 25.2 7 6 0.8 0.8 0.5 2.5 V mA mA mA mA mA V A A dB V/V mV C
Total Output Voltage Tolerance Quiescent Current Quiescent Current Change
Dropout Voltage Peak Output Current Short Circuit Current Ripple Rejection Output Noise Voltage (rms) Long Term Stability Thermal Shutdown
2 2.4 2.1 56
40 96 175
Note 1. All regulation tests are made at constant junction temperature with low duty cycle testing. 2. This test is guaranteed but is not tested in production. 2/90 Rev 1.4 6/97
Copyright 1997
8
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.
SG140A/SG140 SERIES
CONNECTION DIAGRAMS & ORDERING INFORMATION
Package
3-TERMINAL TO-3 METAL CAN K-PACKAGE
POSITIVE REGULATOR
(See Notes Below)
Part No. SG140-XXK/883B SG140-XXK
Ambient Temperature Range -55C to 125C -55C to 125C
Connection Diagram
VIN
1
2 CASE IS GROUND VOUT
3-TERMINAL TO-66 METAL CAN R-PACKAGE
SG140-XXR/883B SG140-XXR
-55C to 125C -55C to 125C
VIN
1 2 CASE IS GROUND VOUT
3-PIN TO-39 METAL CAN T-PACKAGE
SG140-XXT/883B SG140-XXT
-55C to 125C -55C to 125C
VIN VOUT 1 2 3 GROUND
3-PIN HERMETIC TO-257 IG-PACKAGE (Isolated)
SG140A-XXIG/883B SG140A-XXIG SG140-XXIG/883B SG140-XXIG
-55C to 125C -55C to 125C -55C to 125C -55C to 125C
Tab is GND
VOUT GROUND VIN
20-PIN CERAMIC (LCC) LEADLESS CHIP CARRIER L- PACKAGE
SG140-XXL/883B SG140-XXL
-55C to 125C -55C to 125C
(Note 4)
1. 2. 3. 4. 5. 6. 7. 8. 9. 10.
N.C. VIN N.C. N.C. N.C. N.C. GROUND N.C. N.C. VOUT
3
2
1
20 19 18 17 16 15 14
4 5 6 7 8 9 10 11 12 13
11. 12. 13. 14. 15. 16. 17. 18. 19. 20.
N.C. VOUT N.C. N.C. VOUT SENSE N.C. VIN N.C. N.C. N.C.
Note 1. 2. 3. 4.
Contact factory for JAN and DESC product availability. All parts are viewed from the top. "XX" to be replaced by output voltage of specific fixed regulator. Some products will be available in leadless chip carrier (LCC). Consult factory for price and availability.
2/90 Rev 1.4 6/97
Copyright 1997
9
11861 Western Avenue Garden Grove, CA 92841 (714) 898-8121 FAX: (714) 893-2570
LINFINITY
Microelectronics Inc.


▲Up To Search▲   

 
Price & Availability of SG140-35IG883B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X